PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
CPR2-040TRLEADFREE CPR2-010TRLEADFREE CPR2-120TRLE |
2 A, 400 V, SILICON, RECTIFIER DIODE 2 A, 100 V, SILICON, RECTIFIER DIODE 2 A, 1200 V, SILICON, RECTIFIER DIODE 2 A, 200 V, SILICON, RECTIFIER DIODE 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
APT15S20KCTG APT15S20KCT |
Schottky Center Tap RECTIFIER; Package: TO-220 [K]; VR (V): 200; IO (A): 15; VF (V): 0.8; trr (nsec): 20; Qrr (nC): 440; 25 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB HIGH VOLTAGE SCHOTTKY DIODE
|
MICROSEMI POWER PRODUCTS GROUP Microsemi, Corp. Microsemi Corporation
|
SD275SCU100B |
SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200∑C Operating Temperature 120 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
MUR405 MUR40511 MUR420 MUR460 MUR4100 MUR440 MUR48 |
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts 4 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD 4 A, 400 V, SILICON, RECTIFIER DIODE, DO-201AD 4 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components http://
|
UFM301L UFM302L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
CMR3-02 CMR3-10 CMR3-04 CMR3-06 |
GENERAL PURPOSE RECTIFIER 3.0 AMP/ 200 THRU 1/000 VOLTS GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS 3 A, 400 V, SILICON, RECTIFIER DIODE GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS 3 A, 200 V, SILICON, RECTIFIER DIODE GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|